Part Number Hot Search : 
A143Z 74HC00L 0KXXX PR5334S 2554P07 1042181 LA8151V MAX11253
Product Description
Full Text Search
 

To Download DG-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupters(Reflective)
K DNH OESI
DG-105
DIMENSIONS
The DG(c)105 carrying a unique hysteresis transistor (BAMBIT)developed by KODENSHI CORP. facililates digital output bymeans of two leads.This digital photointerrupter,because of its ultra(c) compact size,requires little space.
(Unit : mm)
FEATURES
UDIGITAL OUTPUT : directly connect to a microcomputer digital port. UHYSTERESIS : stable against chattering of the object U IGH H (c)SPEED RESPONSE : faster than phototransistor type USetting easy
APPLICATIONS
UDetection of paper or marks UDetection of high(c)speed object UDetection of bar codes
MAXIMUM RATINGS
Item
Input Power dissipation Forward current Reverse voltage Collector current C-E voltage E-C voltage *1 Operating temp. *2 Soldering temp.
(Ta=2...) 5
Symbol Rating
PD F I VR c I VCEO VECO Topr. Tsol. 75 50 5 0.5 10 0.3 -25~+85 260
Unit
mW mA V mA V V ... ...
Output
*1.No icebound or dew *2.For MAX.5seconds at the position of 1mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Forward voltage Reverse current Input Peak wavelength Operating supply voltage rang Low level output voltage Input High level output voltage Peak wavelength Threshold input current*4 Hysteresis *5 Transmisson L EH propagation time H EL propagation time Rise time Fall time
(Ta=2...) 5
Symbol
VF R I *Ip VCC VOL VOH *I p F I LH F I HL/FLH I tPLH tPHL tr tf
Conditions
F= I 10mA VR=5V F I =20mA
Min. Typ.
940 5.0 0.5 4.7 880 0.85 15 40 4.5 25
Max.
1.3 10 7.0 0.7 7.2
Unit.
V *IA nm V V V nm mA *I ec. s *I ec. s *I ec. s *I ec. s
E VCC =5V,FI=0mA,R=100k *y R VCC =5V,FI=20mA,E =100k *y 4.5
2.0
E VCC =5V,R =100k *y
2.0
R VCC =5V,FI=20mA,E =100k *y
FL *3.IH represents forward current when output changes from low to high. FH *4.IL represents forward current when output changes from high to low.
- 1-
Photo interrupters(Reflective)
DG-105
Power dissipation Vs. Ambient temperature
Threshold input current Vs. Ambient temperature
Forward current Vs. Forward voltage
Output voltage Vs. Ambient temperature
LED Vs. Supply voltage
LED Vs. Load resistance
Hysteresis width Vs. Load resistance
Hysteresis width Vs. Ambient temperature
Switching time Vs. Load resistance
Output voltage Vs. Distance
- 2-


▲Up To Search▲   

 
Price & Availability of DG-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X